Part Number Hot Search : 
KBPC2506 04K13 03XXX 08500 STPR162 08500 FR40MR05 100M63
Product Description
Full Text Search
 

To Download 501645-1020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
5016451020 Active
igrid 2.00mm (.079") Pitch iGridTM Wire-to-Board Header, Dual Row, Vertical, with PCB Locator, 10 Circuits, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-501646-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 501645 Wire-to-Board Yes igrid iGridTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application MolexKits Overview Product Name
Physical
Breakaway Circuits (Loaded) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 10 Natural 30 No Yes Yes Brass Tin Tin Nylon 2 Vertical 0.126 In 3.20 mm Yes None 0.047 In, 0.063 In 1.20 mm, 1.60 mm Tray 0.079 In 2.00 mm Yes Yes No No -25C to +85C Through Hole
Search Parts in this Series 501645Series Mates With 501646 Housing. 501647 Crimp Terminal 22-26 AWG. 501648 Crimp Terminal 26-28 AWG
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 250V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification SPK-501645-001
Product Specification
Sales Drawing
PS-501646-001, RPS-501646-001, RPS-501646-002, RPS-501646-003, RPS-501646-004, RPS-501646-005, RPS-501646-006, RPS-501646-007 SD-501645-001
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 501645-1020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X